Part Number Hot Search : 
K1906 1N4898A D1607 AM79C SKY65 62128 FSQ10A04 212DH
Product Description
Full Text Search
 

To Download NFS80 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NFS80 Series
Quad output
LOW TO MEDIUM POWER AC/DC POWER SUPPLIES * * * * * * * * * 80-110 W AC-DC Universal Input Switch Mode Power Supplies
1
7.0 x 4.25 x 1.8 inch package Overvoltage and short circuit protection 80 W with free air convection Adjustable outputs Isolated output Floating fourth output EN55022, EN55011 conducted emissions level B UL, VDE and CSA safety approvals Available RoHS compliant
The NFS80 series is a 80 W universal input ac-dc power supply on a 7 x 4.25 inch card. The NFS80 series has two quad output models with a very high peak capability on the auxiliary outputs for drive and motor applications. The NFS80 provides 80 W of output power with free air convection cooling which can be boosted to 110 W with 20 CFM of forced air. Standard features include overvoltage and short-circuit protection. The series, with full international safety approval and the CE mark, meets conducted emissions EN55022 level B. The NFS80 series is designed for use in low power data networking, computer, telecom and industrial applications such as servers, PABX's, storage devices, vending machines and printers.
All specifications are typical at nominal input, full load at 25 C unless otherwise stated
2 YEAR WARRANTY
SPECIFICATIONS
(11,C)
OUTPUT SPECIFICATIONS Output voltage adjustability Line regulation LL to HL, FL Total regulation Overshoot/undershoot Transient response Temperature coefficient Overvoltage protection Minimum output current See derating curve Output power limit Short circuit protection INPUT SPECIFICATIONS Input voltage range Input frequency range Input surge current Safety ground leakage current 115 Vac, cold start 230 Vac, cold start 110 Vac, 60 Hz 230 Vac, 50 Hz
(11,C)
EMC CHARACTERISTICS 3.0% 0.1% max. 0.1% max. See table 0% 150 mV peak 1 ms recovery 0.02%/C 140% Vout max. 1A 0A 160 W Pin max. 110 W Pout min. Efficiency Isolation voltage Switching frequency Approvals and standards (See Note 10) Weight MTBF (See Note 7) Surge Fast transients Radiated immunity Conducted immunity
+5 V output on multi's Vout on singles Main output Auxiliary outputs (See Note 5) At turn-on +5 V (1 A to 12 A) All outputs +5 V output Main output Auxiliary output Primary power limit
EN61000-4-5, EN61000-4-4, EN61000-4-3, EN61000-4-6,
level level level level
3 3 3 3
Perf. Perf. Perf. Perf.
criteria criteria criteria criteria
1 1 1 1
GENERAL SPECIFICATIONS Hold-up time 110 110 230 230 Vac, Vac, Vac, Vac, @ @ @ @ 80 W 110 W 80 W 110 W 35 17 140 100 ms ms ms ms
70% typical Input/output Input/chassis 3000 Vac 1500 Vac 20-70 kHz VDE0805, EN60950, IEC950 IEC1010, UL1950 CSA C22.2 No. 950 600 g (21.18 oz) MIL-HDBK-217E @ 25 C 250,000 hours
Yes with auto recovery
Universal input
90-264 Vac 120-370 Vdc 47-440 Hz 19 A 38 A 0.2 mA 0.4 mA
ENVIRONMENTAL SPECIFICATIONS Thermal performance Operating, see curve 0 C to +70 C Non-operating -40 C to +85 C 50 C to +70 C Derate natural convection 2 W/C 50 C to +70 C Derate 20 CFM forced air cooling 2.75 W/C 5% to 95% RH Operating Non-operating 5-500 Hz 10,000 feet max. 30,000 feet max. 2.4 G rms approx.
Relative humidity EMC CHARACTERISTICS Conducted emissions Radiated emissions ESD air ESD contact Altitude Level B Level B Perf. criteria 1 Perf. criteria 1 Vibration (See Note 9) EN55022,FCC part 15 EN55022 FCC part 15 EN61000-4-2, level 3 EN61000-4-2, level 4
File Name: NFS80.pdf Rev (02): 08 Nov 2005
NFS80 Series
Quad output
LOW TO MEDIUM POWER AC/DC POWER SUPPLIES 80-110 W AC-DC Universal Input Switch Mode Power Supplies
2
OUTPUT VOLTAGE +5 V (IA) +24 V (IB) +12 V 12 V (6) +5 V (IA) +24 V (IB) +15 V 15 V
(6)
OUTPUT CURRENTS MAX 8A 2A 2.5 A 2.5 A 8A 2A 2.5 A 2.5 A
(1)
PEAK 20 A 3A 6A 6A 20 A 3A 6A 6A
(2)
FAN
(3)
RIPPLE
(4)
TOTAL REGULATION 2.0% +10.0/-5.0% 3.0% 3.0% 2.0% +10.0/-5.0% 3.0% 3.0%
(5)
MODEL NUMBER (12,13,E) NFS80-7602J
15 A 2.5 A 3A 3A 15 A 2.5 A 3A 3A
50 mV 240 mV 120 mV 120 mV 50 mV 240 mV 150 mV 150 mV
NFS80-7606J
Notes
1 2 3 4 5 Natural convection cooling. Peak output current lasting less than 60 seconds with duty cycle 10%. During peak loading, outputs may exceed total regulation limits. Forced air cooling, 20 CFM @ 1 atmosphere. 50 MHz bandwidth, peak-to-peak, measured differentially. Total regulation is defined as the static output regulation at 25 C, including initial tolerance, line voltage within stated limits, load currents within stated limits, and output voltages adjusted to their factory settings. Also, for stated regulation on the +24 V output, IA / IB 5. Pins 10 and 11 are a floating output, which can be referenced as either positive or negative. Pin 10 is positive with respect to pin 11. Either pin 10 or 11 must be connected to return (pins 4-7) for proper operation. Derating curve is application specific for ambient temperatures > 50 C, for optimum reliability, no part of the heatsink should exceed 110 C and no semiconductor case temperature should exceed 115 C. Caution: Allow a minimum of 1 second after disconnecting the power when making thermal measurements. Three orthogonal axes, random vibration, 10 minute test for each axis. This product is only for inclusion by professional installers within other equipment and must not be operated as a stand alone product. For EMI compliance unit may need to be mounted on a metal chassis. The `J' suffix indicates that these parts are Pb-free (RoHS 6/6) compliant. TSE RoHS 5/6 (non Pb-free) compliant versions may be available on special request, please contact your local sales representative for details. NOTICE: Some models do not support all options. Please contact your local Artesyn representative or use the on-line model number search tool at http://www.artesyn.com/powergroup/products.htm to find a suitable alternative.
DERATING CURVE
Output Power (Watts)
110W
20 CFM FORCED AIR COOLING
80W
6
7
NATURAL CONVECTION COOLING
55W 40W
8 9 10 11 12
5W 0C 10C
5W MINIMUM LOAD NECESSARY
20C
30C
40C
50C
60C
70C
13
International Safety Standard Approvals
VDE0805/EN60950/IEC950/IEC1010 File No. 10401-3336-0213 Licence No. 40014677 UL1950 File No. E136005 CSA C22.2 No. 950 File No. LR41062C
File Name: NFS80.pdf Rev (02): 08 Nov 2005
NFS80 Series
Quad output
LOW TO MEDIUM POWER AC/DC POWER SUPPLIES 80-110 W AC-DC Universal Input Switch Mode Power Supplies
3
0.475 0.010 (12.07)
1.80 (45.72) Max. 0.050 0.020 (1.27) 1.55 0.005 (39.37) Voltage Adjust J2 4.250 0.020 (107.95) 3.750 0.005 (95.25) 6-32 UNC (4 Places)
1.00 0.005 (25.4) 3.35 0.015 (85.09) C
Pin 1
T1
L1 J1 C6 F1 Pin 1 0.156 (3.962) Dia. Hole (4 Places)
0.250 0.010 (6.35) 0.250 0.010 (6.35)
6.50 0.005 (165.1) 7.00 0.020 (177.8)
5A, 250 VAC
ALL DIMENSIONS IN INCHES (mm)
Mechanical Notes
A Either metallic or non-metallic stand-offs can be used in all four mounting holes without affecting safety approval. The diameter of metal stand-offs, if used, must not exceed 0.212 inches (5.4 mm). B It is always advisable to attach the power supply heat sink to another thermal dissipator (such as a chassis, a finned heat sink, etc.) The resulting temperature decrease of heat sink-mounted components will improve power supply lifetime. C The heat sink is grounded, and allows system grounding when mechanically connected to the system chassis. Alternatively, the ground pad encircling the mounting hole near J1, allows system grounding through a metal stand-off to the system chassis. D The supply must be mechanically supported using the PCB mounting holes and may be additionally supported by the heat sink mounting holes. E A standard L-bracket and cover is available for mounting which contains all screws, connectors and mounting hardware. Two different kits are available, order part number `NFS110 COVER KIT' or `NFS110C'.
AC (J1) connector
Molex 09-50-3051 (with second and fourth pins removed) or Molex 09-910500 mating connector with 2478 or equivalent crimp terminals.
DC (J2) connector
Molex 09-50-3131 or Molex 09-91-1300 mating connector with 2478 or equivalent crimp terminals.
J1 Pin 1 Pin 2 Pin 3 J2 Pin 1 Pin 2 Pin 3 Pin 4 Pin 5 Pin 6 Pin 7 Pin 8 Pin 9 Pin 10 (6) Pin 11 (6) Pin 12 Pin 13
PIN CONNECTIONS NFS80-7602J NFS80-7606J AC Ground AC Ground AC Neutral AC Neutal AC Line AC Line NFS80-7602J NFS80-7606J +5 V +5 V +5 V +5 V +5 V +5 V Return Return Return Return Return Return Return Return +12 V +15 V +12 V +15 V -12 V Return -15 V Return -12 V -15 V Removed for Key Removed for Key +24 V +24 V
Datasheet (c) Artesyn Technologies(R) 2005 The information and specifications contained in this datasheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising from printing errors or inaccuracies. The information and specifications contained or described herein are subject to change in any manner at any time without notice. No rights under any patent accompany the sale of any such product(s) or information contained herein.
www.artesyn.com
File Name: NFS80.pdf Rev (02): 08 Nov 2005


▲Up To Search▲   

 
Price & Availability of NFS80

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X